PART |
Description |
Maker |
LCA10-12-X |
LCA1/0-12-X Copper Lug - One-Hole, Standard Barrel
|
PANDUIT CORP.
|
LCD8-14A-L |
COPPER LUG - TWO-HOLE, STANDARD BARREL
|
PANDUIT CORP.
|
LCA6-56-L LCA6-38-L LCA6-14-L LCA4-56-L LCA4-12-L |
Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors Code Conductor, One-Hole, Standard Barrel with Window Lug For Use with Stranded Copper Conductors
|
PANDUIT CORP.
|
5090 |
Triaxial to BNC coaxial adapter, female/male, 2 lug triax/BNC, 500 Vrms, beryllium copper/brass contact material, brass shell, teflon insulation RoHS Compliant: Yes CABLE TERMINATED, FEMALE-MALE, RF STRAIGHT ADAPTER
|
Pomona Electronics
|
BCM5461S |
10/100/1000 BASE T GIGABIT COPPER TRANSCEIVER 10/100/1000BASE-T Gigabit Copper Transceiver with Copper/Fiber Media Interface
|
Electronic Theatre Controls, Inc. ETC Broadcom Corporation.
|
1192A 1192AB59100 1192AB591000 1192AG7X1000 1192AG |
24 AWG stranded (42x40) high-conductivity bare copper conductors, polyethylene insulation, tinned copper braid shield
|
List of Unclassifed Man...
|
19044-0164 19054-0092 19044-0184 19054-0091 19070- |
RING KRIMPTITE H/D TAPED (B-128-10HDT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D (B-228-08HDX) 2 mm2, COPPER ALLOY, WIRE TERMINAL Standard RingTongue Krimptite#3/8Awg14-16 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP H/D TAPED (B-228-06HDXT) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-225-14X) 2 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (BB-218-56X) 2 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc.
|
MX5-PW-CO-4000 MX5-PW-00-4000 |
HIGH CONDUCTIVITY COPPER ALLOY 1.25 mm2, COPPER ALLOY, TIN FINISH, WIRE TERMINAL
|
Japan Aviation Electronics Industry, Ltd. JAPAN AVIATION ELECTRONICS INDUSTRY LTD
|
H9004-01 |
TERMINAL LUG
|
HARWIN
|
H2055-01 |
TERMINAL LUG
|
Harwin Plc
|
|